Part Number Hot Search : 
BC856A PT61020L BCR401 BC856A WM895606 ULN2809 MAX814 ASM3I2
Product Description
Full Text Search
 

To Download ASPI-0615FS-2R2M-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aspi-0615fs electrical specifications: rohs compliant 303 3 2 e s p e r anz a , ra n c h o sa n t a ma r g a r i t a , cal i f o r n i a 926 8 8 t e l 949-546-80 0 0 | f a x 949-546-80 0 1 | w w w . abr a c o n . c o m revised: 08.31.10 visit www.abracon.com for terms & conditions of sale features: applications: ? dc/dc converter for lcd display of notebook pc ? portable communication equipment ? digital cameras 6.0 x 6.0 x 1.5mm pb abracon is iso9001:2008 ce r tified options and part identification test conditions *the r a ted c u rrent is subject to c h ange depending upon the temp e r ature c o oli n g c o ndition . low profile shielded smd chip power inductor inductance: 100khz,0.3v, ta=20c dcr: ta=20c isat: ?l/l (initial) -30% irms: ?t 40c abracon p/n: aspi-0612fs series operating temperature & humidity : storage temperature & humidity: -30c to +100c, 5% to 85% rh. please avoid moisture due to the humidity. -20c to +60c, 5% to 85% rh. please avoid moisture due to the humidity. ? small size and low profile: 1.5mm ? small dcr and high rated current ? high reliability to mechanical strength ? magnetically shielded by magnetic powder molding ? suitable for rohs reflow profile aspi-0615fs - - p a c ka g i n g t: tap e an d r ee l (1kpcs / r e el ) t2: tap e an d r e el (2.5kpcs / r e el ) indu c tance cod e please r e fer t o the table abov e part number inductance dcr saturation current temperat u re rise current marking units h 2 0 % m ? 20% a a symbol l dcr is at * irms * aspi-0615fs-2r2m 2.2 50 3.00 2.10 2r2 aspi-0615fs-3r3m 3.3 70 2.70 1.90 3r3 aspi-0615fs-4r7m 4.7 105 2.20 1.60 4r7 aspi-0615fs-6r8m 6.8 130 1.95 1.40 6r8 aspi-0615fs-100m 10 190 1.57 1.10 100 aspi-0615fs-150m 15 270 1.35 1.05 150 aspi-0615fs-220m 22 390 1.15 0.88 220 aspi-0615fs-330m 33 550 0.97 0.72 330 aspi-0615fs-470m 47 790 0.77 0.60 470
rohs compliant 303 3 2 e s p e r anz a , ra n c h o sa n t a ma r g a r i t a , cal i f o r n i a 926 8 8 t e l 949-546-80 0 0 | f a x 949-546-80 0 1 | w w w . abr a c o n . c o m revised: 08.31.10 visit www.abracon.com for terms & conditions of sale outline drawing: abracon is iso9001:2008 ce r tified pb mechanical dimensions circuit schematic recommended land pattern xxx dimension: mm n o part name material 1 drum core ni - z n ferrite 2 terminals copper alloy, sn 3 coil cu/uew 4 adhesive epoxy base resi n magnetic p owder ni - z n ferrite low profile shielded smd chip power inductor aspi-0615fs 6.0 x 6.0 x 1.5mm
xx x xxx xxx xxx rohs compliant 303 3 2 e s p e r anz a , ra n c h o sa n t a ma r g a r i t a , cal i f o r n i a 926 8 8 t e l 949-546-80 0 0 | f a x 949-546-80 0 1 | w w w . abr a c o n . c o m revised: 08.31.10 visit www.abracon.com for terms & conditions of sale reflow profile: dimension : mm tape & reel: abracon is iso9001:2008 ce r tified pb attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automo - tive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requir - ing high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information. t: 1,000pcs / reel t2: 2,500pcs / reel dimension: mm low profile shielded smd chip power inductor aspi-0615fs 6.0 x 6.0 x 1.5mm


▲Up To Search▲   

 
Price & Availability of ASPI-0615FS-2R2M-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X